| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 429 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 429 Page - Renesas Technology Corp |
|
429 / 935 page ![]() Section 9 Ethernet Controller (EtherC) Rev. 2.00 Mar 09, 2006 page 403 of 906 REJ09B0292-0200 Reset TE set FDPX FDPX TE reset Failure of 15 retransmission attempts or collision after 512-bit time Collision Collision Normal transmission Carrier detection Carrier detection SFD transmission Data transmission CRC transmission Retransmission processing *1 Carrier detection Start of transmission (preamble transmission) Idle Carrier non-detection Carrier non-detection Carrier detection HDPX HDPX Retrans- mission initiation Transmission halted Error detection Error Error Error Error notification Notes: 1. Transmission retry processing includes both jam transmission that depends on collision detection and the adjustment of transmission intervals based on the back-off algorithm. 2. Transmission is retried only when data of 512 bits or less (including the preamble and SFD) is transmitted. When a collision is detected during the transmission of data greater than 512 bits, only jam is transmitted and transmission based on the back-off algorithm is not retried. Collision *2 Collision *2 Figure 9.2 EtherC Transmitter State Transitions 1. When the transmit enable (TE) bit is set, the transmitter enters the transmit idle state. 2. When a transmit request is issued by the transmit E-DMAC, the EtherC sends the preamble after a transmission delay equivalent to the frame interval time. Note: If full-duplex transfer is selected, which does not require carrier detection, the preamble is sent as soon as a transmit request is issued by the transmit E-DMAC. 3. The transmitter sends the SFD, data, and CRC sequentially. At the end of transmission, the transmit E-DMAC generates a transmission complete interrupt (TC). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |