Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 421Page - Renesas Technology Corp SH7616 Datasheet HTML 422Page - Renesas Technology Corp SH7616 Datasheet HTML 423Page - Renesas Technology Corp SH7616 Datasheet HTML 424Page - Renesas Technology Corp SH7616 Datasheet HTML 425Page - Renesas Technology Corp SH7616 Datasheet HTML 426Page - Renesas Technology Corp SH7616 Datasheet HTML 427Page - Renesas Technology Corp SH7616 Datasheet HTML 428Page - Renesas Technology Corp SH7616 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 399 of 906
REJ09B0292-0200
9.2.18
Too-Long Frame Receive Counter Register (TLFRCR)
Bit:
31
30
29
. . .
19
18
17
16
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
15
14
13
12
11
10
9
8
TLFC15 TLFC14 TLFC13 TLFC12 TLFC11 TLFC10 TLFC9
TLFC8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
TLFC7
TLFC6
TLFC5
TLFC4
TLFC3
TLFC2
TLFC1
TLFC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TLFRCR is a 16-bit counter that indicates the number of frames received with a length exceeding
the value specified by the receive frame length register (RFLR). When the value in this register
reaches H'FFFF (65,535), the count is halted. The counter value is cleared to 0 by a write to this
register (the write value is immaterial).
Bits 31 to 16—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 15 to 0—Too-Long Frame Receive Count 15 to 0 (TLFC15 to TLFC0): These bits indicate
the count of frames received with a length exceeding the value in RFLR.
Notes: If the value specified by RFLR is 1518 bytes, TLFRCR is incremented by reception of a
frame with a length of 1519 bytes or more.
TLFRCR is not incremented when a frame containing residual bits is received. In this
case, the reception of the frame is indicated in the residual-bit frame counter register
(RFCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com