Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 417Page - Renesas Technology Corp SH7616 Datasheet HTML 418Page - Renesas Technology Corp SH7616 Datasheet HTML 419Page - Renesas Technology Corp SH7616 Datasheet HTML 420Page - Renesas Technology Corp SH7616 Datasheet HTML 421Page - Renesas Technology Corp SH7616 Datasheet HTML 422Page - Renesas Technology Corp SH7616 Datasheet HTML 423Page - Renesas Technology Corp SH7616 Datasheet HTML 424Page - Renesas Technology Corp SH7616 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 395 of 906
REJ09B0292-0200
9.2.14
Illegal Frame Length Counter Register (IFLCR)
Bit:
31
30
29
. . .
19
18
17
16
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
15
14
13
12
11
10
9
8
IFLC15
IFLC14
IFLC13
IFLC12
IFLC11
IFLC10
IFLC9
IFLC8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
IFLC7
IFLC6
IFLC5
IFLC4
IFLC3
IFLC2
IFLC1
IFLC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
IFLCR is a 16-bit counter that indicates the number of times transmission of a packet with a frame
length of less than four bytes was attempted during data transmission. When the value in this
register reaches H'FFFF (65,535), the count is halted. The counter value is cleared to 0 by a write
to this register (the write value is immaterial).
Bits 31 to 16—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 15 to 0—Illegal Frame Length Count 15 to 0 (IFLC15 to IFLC0): These bits indicate the
count of illegal frame length transmission attempts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com