Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 414Page - Renesas Technology Corp SH7616 Datasheet HTML 415Page - Renesas Technology Corp SH7616 Datasheet HTML 416Page - Renesas Technology Corp SH7616 Datasheet HTML 417Page - Renesas Technology Corp SH7616 Datasheet HTML 418Page - Renesas Technology Corp SH7616 Datasheet HTML 419Page - Renesas Technology Corp SH7616 Datasheet HTML 420Page - Renesas Technology Corp SH7616 Datasheet HTML 421Page - Renesas Technology Corp SH7616 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 392 of 906
REJ09B0292-0200
9.2.11
Delay Collision Detect Counter Register (CDCR)
Bit:
31
30
29
. . .
19
18
17
16
—
—
—
. . .
—
—
—
—
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
R
R
R
. . .
R
R
R
R
Bit:
15
14
13
12
11
10
9
8
COLDC1
5
COLDC1
4
COLDC1
3
COLDC1
2
COLDC1
1
COLDC1
0
COLDC9 COLDC8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
654321
0
COLDC7 COLDC6 COLDC5 COLDC4 COLDC3 COLDC2 COLDC1 COLDC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CDCR is a 16-bit counter that indicates the number of collisions that occurred on the line,
counting from a point 512 bits after the start of data transmission. When the value in this register
reaches H'FFFF (65,535), the count is halted. The counter value is cleared to 0 by a write to this
register (the write value is immaterial).
Bits 31 to 16—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 15 to 0—Collision Detect Count 15 to 0 (COLDC15 to COLDC0): These bits indicate the
count of collisions from a point 512 bits after the start of data transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com