Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 411Page - Renesas Technology Corp SH7616 Datasheet HTML 412Page - Renesas Technology Corp SH7616 Datasheet HTML 413Page - Renesas Technology Corp SH7616 Datasheet HTML 414Page - Renesas Technology Corp SH7616 Datasheet HTML 415Page - Renesas Technology Corp SH7616 Datasheet HTML 416Page - Renesas Technology Corp SH7616 Datasheet HTML 417Page - Renesas Technology Corp SH7616 Datasheet HTML 418Page - Renesas Technology Corp SH7616 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 389 of 906
REJ09B0292-0200
9.2.8
PHY Interface Status Register (PSR)
Bit:
31
30
29
. . .
11
10
9
8
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
76
543
210
——
———
——
LMON
Initial value:
0
0
0
0
0
0
0
0
R/W:
RR
RRR
RRR
PSR enables interface signals from the PHY-LSI to be read.
Bits 31 to 1—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 0— Link Monitor (LMON): The link status can be read by connecting the LINK signal output
from the PHY-LSI. For information on the polarity, refer to the specifications for the PHY-LSI to
be connected.
Note: The LMON bit is set to 0 when the LNKSTA pin is at high level, and it is set to 1 when
the LNKSTA pin is at low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com