Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 408Page - Renesas Technology Corp SH7616 Datasheet HTML 409Page - Renesas Technology Corp SH7616 Datasheet HTML 410Page - Renesas Technology Corp SH7616 Datasheet HTML 411Page - Renesas Technology Corp SH7616 Datasheet HTML 412Page - Renesas Technology Corp SH7616 Datasheet HTML 413Page - Renesas Technology Corp SH7616 Datasheet HTML 414Page - Renesas Technology Corp SH7616 Datasheet HTML 415Page - Renesas Technology Corp SH7616 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 386 of 906
REJ09B0292-0200
Bit 0— MII Management Data Clock (MDC): Outputs the value set to this bit by the MDC pin
and supplies the MII with the management data clock.
For the method of accessing MII registers, see section 9.3.4, Accessing MII Registers.
9.2.5
MAC Address High Register (MAHR)
Bit:
31
30
29
28
27
26
25
24
MA47
MA46
MA45
MA44
MA43
MA42
MA41
MA40
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
20
19
18
17
16
MA39
MA38
MA37
MA36
MA35
MA34
MA33
MA32
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
15
14
13
12
11
10
9
8
MA31
MA30
MA29
MA28
MA27
MA26
MA25
MA24
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
MA23
MA22
MA21
MA20
MA19
MA18
MA17
MA16
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The upper 32 bits of the 48-bit MAC address are set in MARH. The setting in this register is
normally made in the initialization process after a reset.
Note: The MAC address setting must not be changed while the transmitter and receiver are
enabled. First return the EtherC and E-DMAC modules to their initial state by means of
the SWR bit in the E-DMAC mode register (EDMR), then make the new setting.
Bits 31 to 0—MAC Address Bits 47 to 16 (MA47 to MA16): Used to set the upper 32 bits of the
MAC address.
Note: If the MAC address to be set in the SH7616 is 01-23-45-67-89-AB (hexadecimal), the
value set in this register is H'01234567.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com