Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 404Page - Renesas Technology Corp SH7616 Datasheet HTML 405Page - Renesas Technology Corp SH7616 Datasheet HTML 406Page - Renesas Technology Corp SH7616 Datasheet HTML 407Page - Renesas Technology Corp SH7616 Datasheet HTML 408Page - Renesas Technology Corp SH7616 Datasheet HTML 409Page - Renesas Technology Corp SH7616 Datasheet HTML 410Page - Renesas Technology Corp SH7616 Datasheet HTML 411Page - Renesas Technology Corp SH7616 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 382 of 906
REJ09B0292-0200
Bit 4—Reserved: This bit is always read as 0. The write value should always be 0.
Bit 3—Internal Loop Back Mode (ILB): Specifies loopback mode in the EtherC.
Bit 3: ILB
Description
0
Normal data transmission/reception is performed
(Initial value)
1
Data loopback is performed inside the EtherC
Note: A loopback mode specification can only be made with full-duplex transfer (DM = 1 in this
register).
Bit 2—External Loop Back Mode (ELB): The value in this register is output directly to the
SH7616’s general-purpose external output pin (EXOUT). This is used for loopback mode
directives, etc., in the PHY-LSI, using the EXOUT pin.
Bit 2: ELB
Description
0
Low-level output from EXOUT pin
(Initial value)
1
High-level output from EXOUT pin
Note: In order for PHY loopback to be implemented using this function, the PHY-LSI must have a
pin corresponding to the EXOUT pin.
Bit 1—Duplex Mode (DM): Specifies the EtherC transfer method.
Bit 1: DM
Description
0
Half-duplex transfer is specified
(Initial value)
1
Full-duplex transfer is specified
Note: When internal loopback mode is specified (ILB = 1), full-duplex transfer (DM = 1) must be
used.
Bit 0—Promiscuous Mode (PRM): Setting this bit enables all Ethernet frames to be received.
Bit 0: PRM
Description
0
EtherC performs normal operation
(Initial value)
1
EtherC performs promiscuous mode operation
Note: “All Ethernet frames” means all receivable frames, irrespective of differences or
enabled/disabled status (destination address, broadcast address, multicast bit, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com