| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 404 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 404 Page - Renesas Technology Corp |
|
404 / 935 page ![]() Section 9 Ethernet Controller (EtherC) Rev. 2.00 Mar 09, 2006 page 378 of 906 REJ09B0292-0200 9.1.3 Pin Configuration The EtherC has signal pins compatible with the 18-pin MII specified in the IEEE802.3u standard, and three related signal pins to simplify connection to the PHY-LSI. The pin configuration are shown in table 9.1. Table 9.1 MII Pin Functions Type Abbre- viation Name I/O Function MII TX–CLK Transmit clock Input TX-EN, ETXD0 to ETXD3, TX-ER timing reference signal RX–CLK Receive clock Input RX-DV, ERXD0 to ERXD3, RX-ER timing reference signal TX–EN Transmit enable Output Indicates that transmit data is ready on ETXD0 to ETXD3 ETXD0– ETXD3 Transmit data (4-bit) Output 4-bit transmit data TX–ER Transmit error Output Notifies PHY-LSI of error during transmission RX–DV Receive data valid Input Indicates that there is valid receive data on ERXD0 to ERXD3 ERXD0– ERXD3 Receive data (4-bit) Input 4-bit receive data RX–ER Receive error Input Identifies error state occurring during data reception CRS Carrier detect Input Carrier detection signal COL Collision detect Input Collision detection signal MDC Management data clock Output Reference clock signal for information transfer via MDIO MDIO Management data input/output Input/ output Bidirectional signal for exchange of management information between STA and PHY Other LNKSTA Link status Input Inputs link status from PHY-LSI EXOUT General-purpose external output Output External output pin WOL Wake-On-LAN Output Magic packet reception CAMSEN CAM input Input CAM match signal input function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |