Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 399Page - Renesas Technology Corp SH7616 Datasheet HTML 400Page - Renesas Technology Corp SH7616 Datasheet HTML 401Page - Renesas Technology Corp SH7616 Datasheet HTML 402Page - Renesas Technology Corp SH7616 Datasheet HTML 403Page - Renesas Technology Corp SH7616 Datasheet HTML 404Page - Renesas Technology Corp SH7616 Datasheet HTML 405Page - Renesas Technology Corp SH7616 Datasheet HTML 406Page - Renesas Technology Corp SH7616 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 377 of 906
REJ09B0292-0200
Receive Controller: After a frame is received via the MII, the receive controller carries out
address information, frame length, CRC, and other checks, and the receive data is transferred to
memory by the receive E-DMAC. The main functions of the receive controller are as follows:
• Checking received frame format
• Checking receive frame CRC and frame length
• Transfer of own-address, multicast, or broadcast receive frames to memory
• Compliant with MII in IEEE802.3u standard
• Nibble-byte conversion supporting PHY-LSI speed
• Magic Packet monitoring
• CAM (Content Addressable Memory) match signal input function
Command/Status Interface: This interface provides various command/status registers to control
the EtherC, and performs access to PHY-LSI internal registers via the MII.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com