Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 397Page - Renesas Technology Corp SH7616 Datasheet HTML 398Page - Renesas Technology Corp SH7616 Datasheet HTML 399Page - Renesas Technology Corp SH7616 Datasheet HTML 400Page - Renesas Technology Corp SH7616 Datasheet HTML 401Page - Renesas Technology Corp SH7616 Datasheet HTML 402Page - Renesas Technology Corp SH7616 Datasheet HTML 403Page - Renesas Technology Corp SH7616 Datasheet HTML 404Page - Renesas Technology Corp SH7616 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 375 of 906
REJ09B0292-0200
Section 9 Ethernet Controller (EtherC)
9.1
Overview
The SH7616 has an on-chip Ethernet controller (EtherC) conforming to the IEEE802.3 MAC
(Media Access Control) layer standard. Connecting a physical-layer LSI (PHY-LSI) complying
with this standard enables the Ethernet controller (EtherC) to perform transmission and reception
of Ethernet/IEEE802.3 frames. The Ethernet controller is connected to dedicated transmit and
receive Ethernet DMACs (E-DMACs) in the SH7616, and carries out high-speed data transfer to
and from memory.
9.1.1
Features
The EtherC has the following features:
• Transmission and reception of Ethernet/IEEE802.3 frames
• Supports 10/100 Mbps transfer
• Supports full-duplex and half-duplex modes
• Conforms to IEEE802.3u standard MII (Media Independent Interface)
• Magic Packet detection and Wake On LAN (WOL) signal output
• CAM (Content Addressable Memory) match signal input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com