Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 393Page - Renesas Technology Corp SH7616 Datasheet HTML 394Page - Renesas Technology Corp SH7616 Datasheet HTML 395Page - Renesas Technology Corp SH7616 Datasheet HTML 396Page - Renesas Technology Corp SH7616 Datasheet HTML 397Page - Renesas Technology Corp SH7616 Datasheet HTML 398Page - Renesas Technology Corp SH7616 Datasheet HTML 399Page - Renesas Technology Corp SH7616 Datasheet HTML 400Page - Renesas Technology Corp SH7616 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 371 of 906
REJ09B0292-0200
—
011
Entry
address
—
31
28
29
9
10
3
40
19
6
34
Tag address
—
Data
LRU
information
—
— V
31
9
10
3
42
0
19
6
31 1 2
—
LRU
information
—
31
9
10
3
40
22
6
4
Data
Tag address
011
Entry
address
—
— V
31
28
29
9
10
19
6
31 1 2
Address array read:
Address array write:
V: Valid bit
1
3
42
0
1
28
29
Address
Bit
Number of bits
Bit
Number of bits
Address
Bit
Number of bits
Bit
Number of bits
Figure 8.13 Address Array Access
8.5
Cache Use
8.5.1
Initialization
Cache memory is not initialized in a reset. Therefore, the cache must be initialized by software
before use. The cache is initialized by zeroizing all address array valid bits and LRU information.
The address array write function can be used to initialize each line, but it is simpler to initialize it
once by writing 1 to the CP bit in CCR. Figure 8.14 shows how to initialize the cache.
MOV.W
#H'FE92, R1
MOV.B
@R1, R0
;
AND
#H'FE, R0
;
MOV.B
#R0, @R1
;
Cache disable
OR
#H'10, R0
MOV.B
R0, @R1
;
Cache purge
OR
#H'01, R0
MOV.B
R0, R1
;
Cache enable
Figure 8.14 Cache Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com