Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 392Page - Renesas Technology Corp SH7616 Datasheet HTML 393Page - Renesas Technology Corp SH7616 Datasheet HTML 394Page - Renesas Technology Corp SH7616 Datasheet HTML 395Page - Renesas Technology Corp SH7616 Datasheet HTML 396Page - Renesas Technology Corp SH7616 Datasheet HTML 397Page - Renesas Technology Corp SH7616 Datasheet HTML 398Page - Renesas Technology Corp SH7616 Datasheet HTML 399Page - Renesas Technology Corp SH7616 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 370 of 906
REJ09B0292-0200
mapped on H'C0000000 to H'C00003FF, way 1 on H'C0000400 to H'C00007FF, way 2 on
H'C0000800 to H'C0000BFF and way 3 on H'C0000C00 to H'C0000FFF. When the two-way
mode is being used, the area H'C0000000 to H'C00007FF is accessed as 2 kbytes of on-chip
RAM. When the cache is disabled, the area H'C0000000 to H'C0000FFF can be used as 4 kbytes
of on-chip RAM.
When the contents of the way being used as cache are rewritten using a data array access, the
contents of external memory and cache will not match, so this operation should be avoided.
Tag address
110
Entry
address
BA
W
31
28
9
10
11
12
3
0
19
Data
31
0
32
6
3
4
Data
Data array read/write:
BA: Byte address within line
W: Way specification
Address
Bit
Number of bits
Bit
Number of bits
Figure 8.12 Data Array Access
8.4.10
Address Array Access
The address array of the cache can be accessed so that the contents fetched to the cache can be
checked for purposes of program debugging or the like. The address array is mapped on
H'60000000 to H'600003FF. Since all of the ways are mapped to the same addresses, ways are
selected by rewriting the W1 and W0 bits in CCR. The address array can only be accessed in
longwords.
When the address array is read, the tag address, LRU information, and valid bit are output as data.
When the address array is written to, the tag address, and valid bit are written from the cache
address bus. The write address must therefore be calculated before the write is performed. LRU
information is written from the cache data bus, but 0 must always be written to prevent
malfunctions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com