Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 388Page - Renesas Technology Corp SH7616 Datasheet HTML 389Page - Renesas Technology Corp SH7616 Datasheet HTML 390Page - Renesas Technology Corp SH7616 Datasheet HTML 391Page - Renesas Technology Corp SH7616 Datasheet HTML 392Page - Renesas Technology Corp SH7616 Datasheet HTML 393Page - Renesas Technology Corp SH7616 Datasheet HTML 394Page - Renesas Technology Corp SH7616 Datasheet HTML 395Page - Renesas Technology Corp SH7616 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 366 of 906
REJ09B0292-0200
8.4.3
Cache-Through Access
When reading or writing a cache-through area, the cache is not accessed. Instead, the cache
address value is output to the internal address bus. For read operations, the read data output to the
internal data bus is fetched and output to the cache data bus, as shown in figure 8.9. The read of
the cache-through area is only performed on the address in question. For write operations, the
write data on the cache data bus is output to the internal data bus. Writes on the cache through area
are compared to the address tag; except for the fact that nothing is written to the data array, the
operation is the same as the write shown in figure 8.5.
EX
CPU
pipeline stage
I
φ
Cache
address bus
Cache
data bus
Internal
address bus
Internal
data bus
MA
WB
EX
MA
Address A
Address A
Address B
Address A
Address A
EX: Instruction execution
MA: Memory access
WB: Write-back
Figure 8.9 Reading Cache-Through Areas
8.4.4
The TAS Instruction
The TAS instruction reads data from memory, compares it to 0, reflects the result in the T bit of
the status register (SR), and sets the most significant bit to 1. It is an instruction that writes to the
same address. Accesses to the cache area are handled in the same way as ordinary data accesses.
8.4.5
Pseudo-LRU and Cache Replacement
When a cache miss occurs during a read, the data of the missed address is read from 1 line (16
bytes) of memory and replaced. It is therefore necessary to decide which of the four ways is to be
replaced. It can generally be expected that a way that has been infrequently used recently is also
unlikely to be used next. This algorithm for replacing ways is called the least recently used
replacement algorithm, or LRU. The hardware to implement it, however, is complex. For that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com