Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 384Page - Renesas Technology Corp SH7616 Datasheet HTML 385Page - Renesas Technology Corp SH7616 Datasheet HTML 386Page - Renesas Technology Corp SH7616 Datasheet HTML 387Page - Renesas Technology Corp SH7616 Datasheet HTML 388Page - Renesas Technology Corp SH7616 Datasheet HTML 389Page - Renesas Technology Corp SH7616 Datasheet HTML 390Page - Renesas Technology Corp SH7616 Datasheet HTML 391Page - Renesas Technology Corp SH7616 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 362 of 906
REJ09B0292-0200
When a cache miss occurs, the way for replacement is determined using the LRU information, and
the read address from the CPU is written in the address array for that way. Simultaneously, the
valid bit is set to 1. Since the 16 bytes of data for replacing the data array are simultaneously read,
the address on the cache address bus is output to the internal address bus and 4 longwords are read
consecutively. The access order is such that, for the address output to the internal address, the byte
address within the line is sequentially incremented by 4, so that the longword that contains the
address to be read from the cache comes last. The read data on the internal data bus is written
sequentially to the cache data array. One cycle after the last data is written to the cache data array,
it is also output to the cache data bus and the read data is sent to the CPU.
The internal address bus and internal data bus also function as pipelines, just like the cache bus
(figure 8.4).
Address A
MA
EX
EX
WB
MA
Data array write
Address B
Address A
+12
Address A
Address A
+8
Address A
+4
Address A
+4
Address A
+8
Address A
+12
Address A
Cache tag comparison
CPU
pipeline
stage
I
φ
Cache
address
bus
Cache
data bus
Internal
address
bus
Internal
data bus
EX:
Instruction execution
MA: Memory access
WB: Write-back
Address A
Figure 8.4 Read Access in Case of a Cache Miss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com