Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 381Page - Renesas Technology Corp SH7616 Datasheet HTML 382Page - Renesas Technology Corp SH7616 Datasheet HTML 383Page - Renesas Technology Corp SH7616 Datasheet HTML 384Page - Renesas Technology Corp SH7616 Datasheet HTML 385Page - Renesas Technology Corp SH7616 Datasheet HTML 386Page - Renesas Technology Corp SH7616 Datasheet HTML 387Page - Renesas Technology Corp SH7616 Datasheet HTML 388Page - Renesas Technology Corp SH7616 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 359 of 906
REJ09B0292-0200
Bit 5—Write-Back Bit (WB): Specifies the cache operation method when the cache area is
accessed.
Bit 5: WB
Description
0
Write-through
(Initial value)
1Write-back
Bit 4—Cache Purge Bit (CP): When 1 is written to the CP bit, all cache entries and the valid bits,
and LRU information of all ways are initialized to 0. After initialization is completed, the CP bit
reverts to 0. The CP bit always reads 0.
Bit 4: CP
Description
0
Normal operation
(Initial value)
1
Cache purge
Note: Always read 0.
Bit 3—Two-Way Mode (TW): TW is the two-way mode bit. The cache operates as a four-way set
associative cache when TW is 0 and as a two-way set associative cache and 2-kbyte RAM when
TW is 1. In the two-way mode, ways 2 and 3 are cache and ways 0 and 1 are RAM. Ways 0 and 1
are read or written by direct access of the data array according to address space specification.
Bit 3: TW
Description
0
Four-way mode
(Initial value)
1
Two-way mode
Bit 2—Data Replacement Disable Bit (OD): OD is the bit for disabling data replacement. When
this bit is 1, data fetched from external memory is not written to the cache even if there is a cache
miss. Cache data is, however, read or updated during cache hits. OD is valid only when CE is 1.
Bit 2: OD
Description
0
Normal operation
(Initial value)
1
Data not replaced even when cache miss occurs in data access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com