Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 383Page - Renesas Technology Corp SH7616 Datasheet HTML 384Page - Renesas Technology Corp SH7616 Datasheet HTML 385Page - Renesas Technology Corp SH7616 Datasheet HTML 386Page - Renesas Technology Corp SH7616 Datasheet HTML 387Page - Renesas Technology Corp SH7616 Datasheet HTML 388Page - Renesas Technology Corp SH7616 Datasheet HTML 389Page - Renesas Technology Corp SH7616 Datasheet HTML 390Page - Renesas Technology Corp SH7616 Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 361 of 906
REJ09B0292-0200
8.4
Cache Operation
8.4.1
Cache Reads
This section describes cache operation when the cache is enabled and data is read from the CPU.
One of the 64 entries is selected by the entry address part of the address output from the CPU on
the cache address bus. The tag addresses of ways 0 through 3 are compared to the tag address parts
of the addresses output from the CPU. When there is a way for which the tag address matches, this
is called a cache hit (when any one of the way tag addresses and the tag address of the address
output from the CPU match). In proper use, the tag addresses of each way differ from each other,
and the tag address of only one way will match. When none of the way tag addresses match, it is
called a cache miss. Tag addresses of entries with valid bits of 0 will not match in any case.
When a cache hit occurs, data is read from the data array of the way that was matched according to
the entry address, the byte address within the line, and the access data size, and is sent to the CPU.
The address output on the cache address bus is calculated in the CPU’s instruction execution phase
and the results of the read are written during the CPU’s write-back stage. The cache address bus
and cache data bus both operate as pipelines in concert with the CPU’s pipeline structure. From
address comparison to data read requires 1 cycle; since the address and data operate as a pipeline,
consecutive reads can be performed at each cycle with no waits (figure 8.3).
EX
CPU pipeline stage
I
φ
Cache address bus
Cache data bus
MA
WB
EX
Address A
Cache tag comparison
Address B
MA
EX
Address A
Data array read
Address B
EX:
Instruction execution
MA: Memory access
WB: Write-back
Figure 8.3 Read Access in Case of a Cache Hit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com