Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 386Page - Renesas Technology Corp SH7616 Datasheet HTML 387Page - Renesas Technology Corp SH7616 Datasheet HTML 388Page - Renesas Technology Corp SH7616 Datasheet HTML 389Page - Renesas Technology Corp SH7616 Datasheet HTML 390Page - Renesas Technology Corp SH7616 Datasheet HTML 391Page - Renesas Technology Corp SH7616 Datasheet HTML 392Page - Renesas Technology Corp SH7616 Datasheet HTML 393Page - Renesas Technology Corp SH7616 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 364 of 906
REJ09B0292-0200
Write-Back Mode: When a cache hit occurs, the data is written to the data array of the matching
way according to the entry address, byte address in the line, and access data size, and the update
bit of that entry is set to 1. A write is performed only to the data array, not to external memory. A
write hit is completed in 2 cycles (figure 8.6).
EX
MA
EX
MA
EX
Address A
Address B
Address C
Address A
Address B
CPU pipeline
stage
I
φ
Cache
address bus
Cache
data bus
EX: Instruction execution
MA: Memory access
Cache tag comparison
Cache tag comparison
Data array write
Figure 8.6 Write Access in Case of a Cache Hit (Write-Back)
When a cache miss occurs, the way for replacement is determined using the LRU information, and
the write address from the CPU is written in the address array for that way. Simultaneously, the
valid bit and update bit are set to 1. Since the 16 bytes of data for replacing the data array are
simultaneously read when the data on the cache bus is written to the cache, the address on the
cache address bus is output to the internal address bus and 4 longwords are read consecutively.
The access order is such that, for the address output to the internal address, the byte address within
the line is sequentially incremented by 4, so that the longword that contains the address to be read
from the cache comes last. The read data on the internal data bus is written sequentially to the
cache data array.
The internal address bus and internal data bus also function as pipelines, just like the cache bus
(figure 8.7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com