Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 385Page - Renesas Technology Corp SH7616 Datasheet HTML 386Page - Renesas Technology Corp SH7616 Datasheet HTML 387Page - Renesas Technology Corp SH7616 Datasheet HTML 388Page - Renesas Technology Corp SH7616 Datasheet HTML 389Page - Renesas Technology Corp SH7616 Datasheet HTML 390Page - Renesas Technology Corp SH7616 Datasheet HTML 391Page - Renesas Technology Corp SH7616 Datasheet HTML 392Page - Renesas Technology Corp SH7616 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 363 of 906
REJ09B0292-0200
8.4.2
Write Access
Write-Through Mode: Writing to external memory is performed regardless of whether or not
there is a cache hit. The write address output to the cache address bus is used for comparison to the
tag address of the cache’s address array. If they match, the write data output to the cache data bus
in the following cycle is written to the cache data array. If they do not match, nothing is written to
the cache data array. The write address is output to the internal address bus 1 cycle later than the
cache address bus. The write data is similarly output to the internal data bus 1 cycle later than the
cache data bus. The CPU waits until the writes on the internal buses are completed (figure 8.5).
Address A
CPU pipeline
stage
I
φ
Cache
address bus
Cache
data bus
MA
EX
Internal
data bus
EX
MA
Address B
Address A
Address A
Address A
Address B
Address B
Internal
address bus
Cache tag comparison
Data array write
EX: Instruction execution
MA: Memory access
Figure 8.5 Write Access (Write-Through)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com