Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 380Page - Renesas Technology Corp SH7616 Datasheet HTML 381Page - Renesas Technology Corp SH7616 Datasheet HTML 382Page - Renesas Technology Corp SH7616 Datasheet HTML 383Page - Renesas Technology Corp SH7616 Datasheet HTML 384Page - Renesas Technology Corp SH7616 Datasheet HTML 385Page - Renesas Technology Corp SH7616 Datasheet HTML 386Page - Renesas Technology Corp SH7616 Datasheet HTML 387Page - Renesas Technology Corp SH7616 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 935 page
background image
Section 8 Cache
Rev. 2.00 Mar 09, 2006 page 358 of 906
REJ09B0292-0200
31
28
9
3
319
6
4
0
Byte address
in line
Entry address
Tag address
Access space
specification address
Address
Bit
Number of bits
Figure 8.2 Address Configuration
8.1.1
Register Configuration
Table 8.1 shows the cache register configuration.
Table 8.1
Register Configuration
Name
Abbrev.
R/W
Initial Value
Address
Cache control register
CCR
R/W
H'00
H'FFFFFE92
8.2
Register Description
8.2.1
Cache Control Register (CCR)
The cache control register (CCR) is used for cache control. CCR must be set and the cache must
be initialized before use. CCR is initialized to H'00 by a power-on reset or manual reset.
Bit:
76543210
W1
W0
WB
CP
TW
OD
ID
CE
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 and 6—Way Specification Bit (W1, W0): W1 and W0 specify the way when an address
array is directly accessed by address specification.
Bit 7: W1
Bit 6: W0
Description
0
0
Way 0
(Initial value)
1Way 1
10
Way 2
1Way 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com