Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 401Page - Renesas Technology Corp SH7616 Datasheet HTML 402Page - Renesas Technology Corp SH7616 Datasheet HTML 403Page - Renesas Technology Corp SH7616 Datasheet HTML 404Page - Renesas Technology Corp SH7616 Datasheet HTML 405Page - Renesas Technology Corp SH7616 Datasheet HTML 406Page - Renesas Technology Corp SH7616 Datasheet HTML 407Page - Renesas Technology Corp SH7616 Datasheet HTML 408Page - Renesas Technology Corp SH7616 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 379 of 906
REJ09B0292-0200
9.1.4
Ethernet Controller Register Configuration
The Ethernet controller (EtherC) has the nineteen 32-bit registers shown in table 9.2.
Table 9.2
EtherC Registers
Name
Abbre-
viation
R/W
Initial Value
Address
EtherC mode register
ECMR
R/W
H'00000000
H'FFFFFD60
EtherC status register
ECSR
R/W*
1
H'00000000
H'FFFFFD64
EtherC interrupt permission register
ECSIPR
R/W
H'00000000
H'FFFFFD68
PHY interface register
PIR
R/W
H'0000000X
H'FFFFFD6C
MAC address high register
MAHR
R/W
H'00000000
H'FFFFFD70
MAC address low register
MALR
R/W
H'00000000
H'FFFFFD74
Receive flame length register
RFLR
R/W
H'00000000
H'FFFFFD78
PHY status register
PSR
R
H'00000000
H'FFFFFD7C
Transmit retry over counter register
TROCR
R/W*
2
H'00000000
H'FFFFFD80
Single Collision detect counter register
SCDCR
R/W*
2
H'00000000
H'FFFFFDB4
Delay Collision detect counter register
CDCR
R/W*
2
H'00000000
H'FFFFFD84
Lost carrier counter register
LCCR
R/W*
2
H'00000000
H'FFFFFD88
Carrier not detect counter register
CNDCR
R/W*
2
H'00000000
H'FFFFFD8C
Illegal frame length counter register
IFLCR
R/W*
2
H'00000000
H'FFFFFD90
CRC error frame receive counter register
CEFCR
R/W*
2
H'00000000
H'FFFFFD94
Frame receive error counter register
FRECR
R/W*
2
H'00000000
H'FFFFFD98
Too-short frame receive counter register
TSFRCR
R/W*
2
H'00000000
H'FFFFFD9C
Too-long frame receive counter register
TLFRCR
R/W*
2
H'00000000
H'FFFFFDA0
Residual-bit frame counter register
RFCR
R/W*
2
H'00000000
H'FFFFFDA4
Multicast address frame counter register
MAFCR
R/W*
2
H'00000000
H'FFFFFDA8
Notes: All registers must be accessed as 32-bit units.
Reserved bits in a register should only be written with 0.
The value read from a reserved bit is not guaranteed.
1. Individual bits are cleared by writing 1.
2. Cleared by a write to the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com