Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 405Page - Renesas Technology Corp SH7616 Datasheet HTML 406Page - Renesas Technology Corp SH7616 Datasheet HTML 407Page - Renesas Technology Corp SH7616 Datasheet HTML 408Page - Renesas Technology Corp SH7616 Datasheet HTML 409Page - Renesas Technology Corp SH7616 Datasheet HTML 410Page - Renesas Technology Corp SH7616 Datasheet HTML 411Page - Renesas Technology Corp SH7616 Datasheet HTML 412Page - Renesas Technology Corp SH7616 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 383 of 906
REJ09B0292-0200
9.2.2
EtherC Status Register (ECSR)
Bit:
31
30
29
. . .
11
10
9
8
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
76
543
210
—
—
—
—
—
LCHNG
MPD
ICD
Initial value:
0
0
0
0
0
0
0
0
R/W:
RR
RRR
R/W*
R/W*
R/W*
Note: * The flag is cleared by writing 1. Writing 0 does not affect the flag.
The EtherC status register shows the internal status of the EtherC. This status information can be
reported to the CPU by means of interrupts. Individual bits are cleared by writing 1 to them. For
bits that generate an interrupt, the interrupt can be enabled or disabled by means of the
corresponding bit in the EtherC status interrupt permission register (ECSIPR).
Bits 31 to 3—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 2—LINK Signal Changed (LCHNG): Indicates that the LNKSTA signal input from the PHY-
LSI has changed from high to low, or from low to high. This bit is cleared by writing 1 to it.
Writing 0 to this bit has no effect.
Bit 2: LCHNG
Description
0
LNKSTA signal change has not been detected
(Initial value)
1
LNKSTA signal change (high-to-low or low-to-high) has been detected
Notes: 1. The current link status can be checked by referencing the LMON bit in the PHY
interface status register (PSR).
2. Signal variation may be detected when the LNKSTA function is selected by the port A
control register (PACR) of the pin function controller (PFC).
Bit 1—Magic Packet Detection (MPD): Indicates that a Magic Packet has been detected on the
line. This bit is cleared by writing 1 to it. Writing 0 to this bit has no effect.
Bit 1: MPD
Description
0
Magic Packet has not been detected
(Initial value)
1
Magic Packet has been detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com