Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 407Page - Renesas Technology Corp SH7616 Datasheet HTML 408Page - Renesas Technology Corp SH7616 Datasheet HTML 409Page - Renesas Technology Corp SH7616 Datasheet HTML 410Page - Renesas Technology Corp SH7616 Datasheet HTML 411Page - Renesas Technology Corp SH7616 Datasheet HTML 412Page - Renesas Technology Corp SH7616 Datasheet HTML 413Page - Renesas Technology Corp SH7616 Datasheet HTML 414Page - Renesas Technology Corp SH7616 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 385 of 906
REJ09B0292-0200
Bit 1—Magic Packet Detection Interrupt Permission (MPDIP): Controls interrupt notification by
the Magic Packet Detection bit.
Bit 1: MPDIP
Description
0
Interrupt notification by MPD bit in ECSR is disabled
(Initial value)
1
Interrupt notification by MPD bit in ECSR is enabled
Bit 0—Illegal Carrier Detection Interrupt Permission (ICDIP): Controls interrupt notification by
the Illegal Carrier Detection bit.
Bit 0: ICDIP
Description
0
Interrupt notification by ICD bit in ECSR is disabled
(Initial value)
1
Interrupt notification by ICD bit in ECSR is enabled
9.2.4
PHY Interface Register (PIR)
Bit:
31
30
29
. . .
11
10
9
8
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
76
543
210
—
—
—
—
MDI
MDO
MMD
MDC
Initial value:
0
0
0
0
*
000
R/W:
R
R
R
R
R
R/W
R/W
R/W
Note: * Undefined
PIR provides a means of accessing PHY-LSI internal registers via the MII.
Bits 31 to 4—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 3— MII Management Data-In (MDI): Indicates the level of the MDIO pin.
Bit 2— MII Management Data-Out (MDO): Outputs the value set to this bit by the MDIO pin
when the MMD bit is 1.
Bit 1— MII Management Mode (MMD): Specifies the data read/write direction with respect to the
MII. Read direction is indicated by 0, and write direction by 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com