Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 403Page - Renesas Technology Corp SH7616 Datasheet HTML 404Page - Renesas Technology Corp SH7616 Datasheet HTML 405Page - Renesas Technology Corp SH7616 Datasheet HTML 406Page - Renesas Technology Corp SH7616 Datasheet HTML 407Page - Renesas Technology Corp SH7616 Datasheet HTML 408Page - Renesas Technology Corp SH7616 Datasheet HTML 409Page - Renesas Technology Corp SH7616 Datasheet HTML 410Page - Renesas Technology Corp SH7616 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 381 of 906
REJ09B0292-0200
Bit 12—Permit Receive CRC Error Frame (PRCEF): Specifies the treatment of a receive frame
containing a CRC error.
Bit 12: PRCEF
Description
0
Reception of a frame with a CRC error is treated as an error
(Initial value)
1
Reception of a frame with a CRC error is not treated as an error
Note: When this bit is set to 1, the CRC error frame counter register (CEFCR: see section 9.2.14)
is not incremented when a CRC error is detected.
Bits 11 and 10—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 9—Magic Packet Detection Enable (MPDE): Enables or disables Magic Packet detection by
hardware to allow activation from the Ethernet. When the Magic Packet is detected, it is reflected
to the EtherC status register and the WOL pin notifies peripheral LSIs that the Magic Packet has
been received.
Bit 9: MPDE
Description
0
Magic Packet detection is not enabled
(Initial value)
1
Magic Packet detection is enabled
Bits 8 and 7—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 6—Receiver Enable (RE): Enables or disables the receiver.
Bit 6: RE
Description
0
Receiver is disabled
(Initial value)
1
Receiver is enabled
Note: If a switch is made from the receiver-enabled state (RE = 1) to the receiver-disabled state
(RE = 0) while a frame is being received, the receiver will not be disabled until reception of
the frame is completed.
Bit 5—Transmitter Enable (TE): Enables or disables the transmitter.
Bit 5: TE
Description
0
Transmitter is disabled
(Initial value)
1
Transmitter is enabled
Note: If a switch is made from the transmitter-enabled state (TE = 1) to the transmitter-disabled
state (TE = 0) while a frame is being transmitted, the transmitter will not be disabled until
transmission of the frame is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com