Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 414 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 410Page - Renesas Technology Corp SH7616 Datasheet HTML 411Page - Renesas Technology Corp SH7616 Datasheet HTML 412Page - Renesas Technology Corp SH7616 Datasheet HTML 413Page - Renesas Technology Corp SH7616 Datasheet HTML 414Page - Renesas Technology Corp SH7616 Datasheet HTML 415Page - Renesas Technology Corp SH7616 Datasheet HTML 416Page - Renesas Technology Corp SH7616 Datasheet HTML 417Page - Renesas Technology Corp SH7616 Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 388 of 906
REJ09B0292-0200
9.2.7
Receive Frame Length Register (RFLR)
Bit:
31
30
29
. . .
19
18
17
16
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
15
14
13
12
11
10
9
8
—
—
—
—
RFL11
RFL10
RFL9
RFL8
Initial value:
00
000
000
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
Bit:
76
543
210
RFL7
RFL6
RFL5
RFL4
RFL3
RFL2
RFL1
RFL0
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
This register specifies the maximum frame length (in bytes) that can be received by the SH7616
Bits 31 to 12—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 11 to 0—Receive Frame Length (RFL)
H'000–H'5EE
1,518 bytes
H'5EF
1,519 bytes
H'5F0
1,520 bytes
..
.
..
.
H'7FF
2,047 bytes
H'800–H'FFF
2,048 bytes
Notes: 1. The frame length refers to all fields from the destination address up to and including the
CRC data.
2. When data that exceeds the specified value is received, the part of the data that is
higher than the specified value is discarded.
Frame contents from the destination address up to and including the data are actually
transferred to memory. CRC data is not included in the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com