Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 412Page - Renesas Technology Corp SH7616 Datasheet HTML 413Page - Renesas Technology Corp SH7616 Datasheet HTML 414Page - Renesas Technology Corp SH7616 Datasheet HTML 415Page - Renesas Technology Corp SH7616 Datasheet HTML 416Page - Renesas Technology Corp SH7616 Datasheet HTML 417Page - Renesas Technology Corp SH7616 Datasheet HTML 418Page - Renesas Technology Corp SH7616 Datasheet HTML 419Page - Renesas Technology Corp SH7616 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 390 of 906
REJ09B0292-0200
9.2.9
Transmit Retry Over Counter Register (TROCR)
Bit:
31
30
29
. . .
19
18
17
16
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
15
14
13
12
11
10
9
8
TROC15 TROC14 TROC13 TROC12 TROC11 TROC10 TROC9 TROC8
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
TROC7 TROC6 TROC5 TROC4 TROC3 TROC2 TROC1 TROC0
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TROCR is a 16-bit counter that indicates the number of frames that were unable to be transmitted
in 16 retransmission attempts. When 16 transmission attempts have failed, TROCR is incremented
by 1. When the value in this register reaches H'FFFF (65,535), the count is halted. The counter
value is cleared to 0 by a write to this register (the write value is immaterial).
Bits 31 to 16—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 15 to 0—Transmit Retry Over Count 15 to 0 (TROC15 to TROC0): These bits indicate the
number of frames that were unable to be transmitted in 16 retransmission attempts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com