Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 424Page - Renesas Technology Corp SH7616 Datasheet HTML 425Page - Renesas Technology Corp SH7616 Datasheet HTML 426Page - Renesas Technology Corp SH7616 Datasheet HTML 427Page - Renesas Technology Corp SH7616 Datasheet HTML 428Page - Renesas Technology Corp SH7616 Datasheet HTML 429Page - Renesas Technology Corp SH7616 Datasheet HTML 430Page - Renesas Technology Corp SH7616 Datasheet HTML 431Page - Renesas Technology Corp SH7616 Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 935 page
background image
Section 9 Ethernet Controller (EtherC)
Rev. 2.00 Mar 09, 2006 page 402 of 906
REJ09B0292-0200
9.3
Operation
When a transmit command is issued from the transmit E-DMAC, the EtherC starts transmission in
accordance with a predetermined transmission procedure. When the specified number of words
have been transferred, transmission of one frame is terminated.
When an own-address frame (including a broadcast frame) is received, the EtherC transfers the
frame to the receive E-DMAC while carrying out format checks. At the end of frame reception the
EtherC carries out a CRC check, completing reception of one frame.
Notes: 1. In actual EtherC operation, frame transmission and reception is performed
continuously in combination with the E-DMACs. For details of continuous operation,
see the description of E-DMAC operation.
2. The receive data transferred to memory by the receive data E-DMAC does not include
CRC data.
9.3.1
Transmission
The main transmit functions of the EtherC are as follows:
• Frame generation and transmission: Monitors the line status, then adds the preamble, SFD, and
CRC to the data to be transmitted, and sends it to the MII
• CRC generation: Generates the CRC for the data field, and adds it to the transmit frame
• Transmission retry: when a collision is detected in the collision window (during the
transmission of the 512-bit data that includes the preamble and SFD from the start of
transmission), transmission is retried up to 15 times based on the back-off algorithm
The state transitions of the EtherC transmitter are shown in figure 9.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com