Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 464Page - Renesas Technology Corp SH7616 Datasheet HTML 465Page - Renesas Technology Corp SH7616 Datasheet HTML 466Page - Renesas Technology Corp SH7616 Datasheet HTML 467Page - Renesas Technology Corp SH7616 Datasheet HTML 468Page - Renesas Technology Corp SH7616 Datasheet HTML 469Page - Renesas Technology Corp SH7616 Datasheet HTML 470Page - Renesas Technology Corp SH7616 Datasheet HTML 471Page - Renesas Technology Corp SH7616 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 442 of 906
REJ09B0292-0200
Bit 2 to 0—Receive FIFO Depth (RFD): Specifies 256 bytes to 2 kbytes in 256-byte units as the
depth (size) of the receive FIFO. The actual FIFO depth is 256 times the set value. The setting
cannot be changed after transmission/reception has started.
Bits 2 to 0: RFD2 to RFD0
Description
H'0
256 bytes
(Initial value)
H'1
512 bytes
:
:
H'7
2048 bytes
10.2.12 Receiver Control Register (RCR)
RCR specifies the control method for the RE bit in ECMR when a frame is received.
Note: When setting this register, do so in the receiving-halt state.
Bit:
31
30
29
. . .
11
10
9
8
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
76
543
210
——
———
——
RNC
Initial value:
00
000
000
R/W:
RR
RRR
RR
R/W
Bits 31 to 1—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 0—Receive Enable Control (RNC)
Bit 0: RNC
Description
0
When reception of one frame is completed, the E-DMAC writes the receive
status into the descriptor and clears the RR bit in EDRRR
(Initial value)
1
When reception of one frame is completed, the E-DMAC writes the receive
status into the descriptor, reads the next descriptor, and prepares to receive
the next frame*
Note: * This setting is normally used for continuous frame reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com