Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 468Page - Renesas Technology Corp SH7616 Datasheet HTML 469Page - Renesas Technology Corp SH7616 Datasheet HTML 470Page - Renesas Technology Corp SH7616 Datasheet HTML 471Page - Renesas Technology Corp SH7616 Datasheet HTML 472Page - Renesas Technology Corp SH7616 Datasheet HTML 473Page - Renesas Technology Corp SH7616 Datasheet HTML 474Page - Renesas Technology Corp SH7616 Datasheet HTML 475Page - Renesas Technology Corp SH7616 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 446 of 906
REJ09B0292-0200
10.2.16 Transmission-Buffer Read Address Register (TBRAR)
This is the register for storing the buffer address to be read in the transmission buffer when the E-
DMAC reads data from the transmission buffer. Which addresses in the transmission buffer are
processed by the E-DMAC can be recognized by monitoring addresses displayed in this register.
Bit:
31
30
29
28
27
26
25
24
TBRA31 TBRA30 TBRA29 TBRA28 TBRA27 TBRA26 TBRA25 TBRA24
Initial value:
00
000
000
R/W:
RR
RRR
RRR
Bit:
23
22
21
20
19
18
17
16
TBRA23 TBRA22 TBRA21 TBRA20 TBRA19 TBRA18 TBRA17 TBRA16
Initial value:
00
000
000
R/W:
RR
RRR
RRR
Bit:
15
14
13
12
11
10
9
8
TBRA15 TBRA14 TBRA13 TBRA12 TBRA11 TBRA10 TBRA9
TBRA8
Initial value:
00
000
000
R/W:
RR
RRR
RRR
Bit:
76
543
210
TBRA7
TBRA6
TBRA5
TBRA4
TBRA3
TBRA2
TBRA1
TBRA0
Initial value:
00
000
000
R/W:
RR
RRR
RRR
Bits 31 to 0—Transmission-buffer read address (TBRD): This bit can only be read. Writing is
disabled.
Note: The buffer read processing result from the E-DMAC and the value read by the register
may not be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com