Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 471Page - Renesas Technology Corp SH7616 Datasheet HTML 472Page - Renesas Technology Corp SH7616 Datasheet HTML 473Page - Renesas Technology Corp SH7616 Datasheet HTML 474Page - Renesas Technology Corp SH7616 Datasheet HTML 475Page - Renesas Technology Corp SH7616 Datasheet HTML 476Page - Renesas Technology Corp SH7616 Datasheet HTML 477Page - Renesas Technology Corp SH7616 Datasheet HTML 478Page - Renesas Technology Corp SH7616 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 449 of 906
REJ09B0292-0200
Transmit Descriptor 0 (TD0): TD0 indicates the transmit frame status. The CPU and E-DMAC
use TD0 to report the frame transmission status.
Bit 31—Transmit Descriptor Active (TACT): Indicates that this descriptor is active. The CPU sets
this bit after transmit data has been transferred to the transmit buffer. The E-DMAC resets this bit
on completion of a frame transfer or when transmission is suspended.
Bit 31: TACT
Description
0
The transmit descriptor is invalid
Indicates that valid data has not been written to the transmit buffer by the CPU,
or this bit has been reset by a write-back operation on termination of E-DMAC
frame transfer processing (completion or suspension of transmission)
If this state is recognized in an E-DMAC descriptor read, the E-DMAC
terminates transmit processing and transmit operations cannot be continued (a
restart is necessary)
1
The transmit descriptor is valid
Indicates that valid data has been written to the transmit buffer by the CPU and
frame transfer processing has not yet been executed, or that frame transfer is
in progress
When this state is recognized in an E-DMAC descriptor read, the E-DMAC
continues with the transmit operation
Bit 30—Transmit Descriptor List Last (TDLE): Indicates that this descriptor is the last in the
transmit descriptor list. After completion of the corresponding buffer transfer, the E-DMAC
references the first descriptor. This specification is used to set a ring configuration for the transmit
descriptors.
Bit 30: TDLE
Description
0
This is not the last transmit descriptor list
1
This is the last transmit descriptor list
Bits 29 and 28—Transmit Frame Position 1, 0 (TFP1, TFP0): These two bits specify the
relationship between the transmit buffer and transmit frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com