Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 470Page - Renesas Technology Corp SH7616 Datasheet HTML 471Page - Renesas Technology Corp SH7616 Datasheet HTML 472Page - Renesas Technology Corp SH7616 Datasheet HTML 473Page - Renesas Technology Corp SH7616 Datasheet HTML 474Page - Renesas Technology Corp SH7616 Datasheet HTML 475Page - Renesas Technology Corp SH7616 Datasheet HTML 476Page - Renesas Technology Corp SH7616 Datasheet HTML 477Page - Renesas Technology Corp SH7616 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 448 of 906
REJ09B0292-0200
10.3
Operation
The E-DMAC is connected to the EtherC, and performs efficient transfer of transmit/receive data
between the EtherC and memory (buffers) without the intervention of the CPU. The E-DMAC
itself reads control information, including buffer pointers called descriptors, relating to the buffers.
The E-DMAC reads transmit data from the transmit buffer and writes receive data to the receive
buffer in accordance with this control information. By setting up a number of consecutive
descriptors (a descriptor list), it is possible to execute transmission and reception continuously.
10.3.1
Descriptor List and Data Buffers
Before starting transmission/reception, the communication program creates transmit and receive
descriptor lists in memory. The start addresses of these lists are then set in the transmit and receive
descriptor list start address registers.
Transmit Descriptor
Figure 10.2 shows the relationship between a transmit descriptor and the transmit buffer.
According to the specification in this descriptor, the relationship between the transmit frame and
transmit buffer can be defined as one frame/one buffer or one frame/multi-buffer.
Notes: 1. The descriptor’s start address setting must be aligned with an address boundary that
corresponds with the descriptor’s length as set by the E-DMAC mode register
(EDMR).
2. The transmit buffer’s start address setting must be aligned with a longword boundary.
However, when SDRAM is connected, the setting must be aligned with a 16-byte
boundary.
Transmit descriptor
Transmit buffer
TFS26 to TFS0
0
0
31
16
31
31 30 29 28 27 26
TD0
TDL
TD1
TBA
Padding (4 bytes)
TD2
Valid transmit data
Figure 10.2 Relationship between Transmit Descriptor and Transmit Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com