Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 473Page - Renesas Technology Corp SH7616 Datasheet HTML 474Page - Renesas Technology Corp SH7616 Datasheet HTML 475Page - Renesas Technology Corp SH7616 Datasheet HTML 476Page - Renesas Technology Corp SH7616 Datasheet HTML 477Page - Renesas Technology Corp SH7616 Datasheet HTML 478Page - Renesas Technology Corp SH7616 Datasheet HTML 479Page - Renesas Technology Corp SH7616 Datasheet HTML 480Page - Renesas Technology Corp SH7616 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 451 of 906
REJ09B0292-0200
Transmit Descriptor 1 (TD1): Specifies the transmit buffer length (maximum 64 kbytes).
Bits 31 to 16—Transmit Buffer Data Length (TDL): These bits specify the valid transfer byte
length in the corresponding transmit buffer.
Note: When the one frame/multi-buffer system is specified (TD0 and TFP = 10 or 00), the
transfer byte length specified in the descriptors at the start and midway can be set in byte
units.
Bits 15 to 0—Reserved: The bits are always read as 0. The write value should always be 0.
Transmit Descriptor 2 (TD2): Specifies the 32-bit transmit buffer start address.
Note: The transmit buffer’s start address setting must be aligned with a longword boundary.
However, when SDRAM is connected, the setting must be aligned with a 16-byte
boundary.
Bits 31 to 0—Transmit Buffer Address (TBA)
Receive Descriptor
Figure 10.3 shows the relationship between a receive descriptor and the receive buffer. In frame
reception, the E-DMAC performs data rewriting up to a receive buffer 16-byte boundary,
regardless of the receive frame length. Finally, the actual receive frame length is reported in the
lower 16 bits of RD1 in the descriptor. Data transfer to the receive buffer is performed
automatically by the E-DMAC to give a one frame/one buffer or one frame/multi-buffer
configuration according to the size of one received frame.
Notes: 1. The descriptor’s start address setting must be aligned with an address boundary that
corresponds with the descriptor’s length as set by the E-DMAC mode register
(EDMR).
2. The receive buffer’s start address setting must be aligned with a longword boundary.
However, when SDRAM is connected, the setting must be aligned with a 16-byte
boundary. Make the setting so that the size of the receive buffer is aligned with a 16-
byte boundary.
Example:
H'0500 (= 1280 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com