Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 476 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 476 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 472Page - Renesas Technology Corp SH7616 Datasheet HTML 473Page - Renesas Technology Corp SH7616 Datasheet HTML 474Page - Renesas Technology Corp SH7616 Datasheet HTML 475Page - Renesas Technology Corp SH7616 Datasheet HTML 476Page - Renesas Technology Corp SH7616 Datasheet HTML 477Page - Renesas Technology Corp SH7616 Datasheet HTML 478Page - Renesas Technology Corp SH7616 Datasheet HTML 479Page - Renesas Technology Corp SH7616 Datasheet HTML 480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 450 of 906
REJ09B0292-0200
Bit 29:
TFP1
Bit 28:
TFP0
Description
0
0
Frame transmission for transmit buffer indicated by this descriptor continues
(frame is not concluded)
1
Transmit buffer indicated by this descriptor contains end of frame (frame is
concluded)
1
0
Transmit buffer indicated by this descriptor is start of frame (frame is not
concluded)
1
Contents of transmit buffer indicated by this descriptor are equivalent to one
frame (one frame/one buffer)
Note: In the preceding and following descriptors, a logically positive relationship must be
maintained between the settings of this bit and the TDLE bit.
Bit 27—Transmit Frame Error (TFE): Indicates that one or other bit of the transmit frame status
indicated by bits 26 to 0 is set.
Bit 27: TFE
Description
0
No error during transmission
1
An error of some kind occurred during transmission (see bits 26 to 0)
Bits 26 to 0—Transmit Frame Status 26 to 0 (TFS26 to TFS0): These bits indicate the error status
during frame transmission.
• TFS26 to TFS9—Reserved
• TFS8—Teransmit Abort Detect
Note: This bit is set to 1 when any of Transmit Frame Status bits 4 to 0 is set. When this bit is
set, the Transmit Frame Error bit (bit 27: TFE) is set to 1.
• TFS7 to TFS5—Reserved
• TFS4—Illegal Transmit Frame (corresponds to ITF bit in EESR)
• TFS3—Carrier Not Detect (corresponds to CND bit in EESR)
• TFS2—Detect Loss of Carrier (corresponds to DLC bit in EESR)
• TFS1—Collision Detect (corresponds to CD bit in EESR)
• TFS0—Transmit Retry Over (corresponds to TRO bit in EESR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com