Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 474Page - Renesas Technology Corp SH7616 Datasheet HTML 475Page - Renesas Technology Corp SH7616 Datasheet HTML 476Page - Renesas Technology Corp SH7616 Datasheet HTML 477Page - Renesas Technology Corp SH7616 Datasheet HTML 478Page - Renesas Technology Corp SH7616 Datasheet HTML 479Page - Renesas Technology Corp SH7616 Datasheet HTML 480Page - Renesas Technology Corp SH7616 Datasheet HTML 481Page - Renesas Technology Corp SH7616 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 452 of 906
REJ09B0292-0200
Receive descriptor
Receive buffer
RFS 26 to RFS0
RD0
RBL
RDL
0
0
31
31 30 29 28
26
27
31
RD1
RBA
Padding (4 bytes)
RD2
Valid receive data
16 15
Figure 10.3 Relationship between Receive Descriptor and Receive Buffer
Receive Descriptor 0 (RD0): RD0 indicates the receive frame status. The CPU and E-DMAC use
RD0 to report the frame transmission status.
Bit 31—Receive Descriptor Active (RACT): Indicates that this descriptor is active. The E-DMAC
resets this bit after receive data has been transferred to the receive buffer. On completion of
receive frame processing, the CPU sets this bit to prepare for reception.
Bit 31: RACT
Description
0
The receive descriptor is invalid
Indicates that the receive buffer is not ready (access disabled by E-DMAC), or
this bit has been reset by a write-back operation on termination of E-DMAC
frame transfer processing (completion or suspension of reception)
If this state is recognized in an E-DMAC descriptor read, the E-DMAC
terminates receive processing and receive operations cannot be continued
Reception can be restarted by setting RACT to 1 and executing receive
initiation.
1
The receive descriptor is valid
Indicates that the receive buffer is ready (access enabled) and processing for
frame transfer from the FIFO has not been executed, or that frame transfer is in
progress
When this state is recognized in an E-DMAC descriptor read, the E-DMAC
continues with the receive operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com