Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 477Page - Renesas Technology Corp SH7616 Datasheet HTML 478Page - Renesas Technology Corp SH7616 Datasheet HTML 479Page - Renesas Technology Corp SH7616 Datasheet HTML 480Page - Renesas Technology Corp SH7616 Datasheet HTML 481Page - Renesas Technology Corp SH7616 Datasheet HTML 482Page - Renesas Technology Corp SH7616 Datasheet HTML 483Page - Renesas Technology Corp SH7616 Datasheet HTML 484Page - Renesas Technology Corp SH7616 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 455 of 906
REJ09B0292-0200
10.3.2
Transmission
When the transmitter is enabled and the transmit request bit (TR) is set in the E-DMAC transmit
request register (EDTRR), the E-DMAC reads the descriptor used last time from the transmit
descriptor list (in the initial state, the descriptor indicated by the transmission descriptor start
address register (TDLAR)). If the setting of the TACT bit in the read descriptor is “active,” the E-
DMAC reads transmit frame data sequentially from the transmit buffer start address specified by
TD2, and transfers it to the EtherC. The EtherC creates a transmit frame and starts transmission to
the MII. After DMA transfer of data equivalent to the buffer length specified in the descriptor, the
following processing is carried out according to the TFP value.
1. TFP = 00 or 01 (frame continuation):
Descriptor write-back is performed after DMA transfer.
2. TFP = 01 or 11 (frame end):
Descriptor write-back is performed after completion of frame transmission.
The E-DMAC continues reading descriptors and transmitting frames as long as the setting of the
TACT bit in the read descriptors is “active.” When a descriptor with an “inactive” TACT bit is
read, the E-DMAC resets the transmit request bit (TR) in the transmit register and ends transmit
processing (EDTRR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com