Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 483 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 483 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 479Page - Renesas Technology Corp SH7616 Datasheet HTML 480Page - Renesas Technology Corp SH7616 Datasheet HTML 481Page - Renesas Technology Corp SH7616 Datasheet HTML 482Page - Renesas Technology Corp SH7616 Datasheet HTML 483Page - Renesas Technology Corp SH7616 Datasheet HTML 484Page - Renesas Technology Corp SH7616 Datasheet HTML 485Page - Renesas Technology Corp SH7616 Datasheet HTML 486Page - Renesas Technology Corp SH7616 Datasheet HTML 487Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 457 of 906
REJ09B0292-0200
10.3.3
Reception
When the receiver is enabled and the CPU sets the receive request bit (RR) in the E-DMAC
receive request register (EDRRR), the E-DMAC reads the descriptor following the previously
used one from the receive descriptor list (in the initial state, the descriptor indicated by the
transmission descriptor start address register (TDLAR)), and then enters the receive-standby state.
If the setting of the RACT bit is “active” and an own-address frame is received, the E-DMAC
transfers the frame to the receive buffer specified by RD2. If the data length of the received frame
is greater than the buffer length given by RD1, the E-DMAC performs write-back to the descriptor
when the buffer is full (RFP = 10 or 00), then reads the next descriptor. The E-DMAC then
continues to transfer data to the receive buffer specified by the new RD2. When frame reception is
completed, or if frame reception is suspended because of an error of some kind, the E-DMAC
performs write-back to the relevant descriptor (RFP = 11 or 01), and then ends the receive
processing. The E-DMAC then reads the next descriptor and enters the receive-standby state
again.
Note: To receive frames continuously, the receive enable control bit (RNC) must be set to 1 in
the receive control register (RCR). After initialization, this bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com