Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 483Page - Renesas Technology Corp SH7616 Datasheet HTML 484Page - Renesas Technology Corp SH7616 Datasheet HTML 485Page - Renesas Technology Corp SH7616 Datasheet HTML 486Page - Renesas Technology Corp SH7616 Datasheet HTML 487Page - Renesas Technology Corp SH7616 Datasheet HTML 488Page - Renesas Technology Corp SH7616 Datasheet HTML 489Page - Renesas Technology Corp SH7616 Datasheet HTML 490Page - Renesas Technology Corp SH7616 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 461 of 906
REJ09B0292-0200
Section 11 Direct Memory Access Controller (DMAC)
11.1
Overview
A two-channel direct memory access controller (DMAC) is included on-chip. The DMAC can be
used in place of the CPU to perform high-speed data transfers between external devices equipped
with DACK (transfer request acknowledge signal), external memories, on-chip memory, and
memory-mapped external devices. Using the DMAC reduces the burden on the CPU and increases
the operating efficiency of the chip as a whole.
11.1.1
Features
The DMAC has the following features:
• Two channels
• Address space: Architecturally 4 Gbytes
• Choice of data transfer unit: Byte, word (2-byte), longword (4-byte) or 16-byte unit (In a 16-
byte transfer, four longword reads are executed, followed by four longword writes.)
• Maximum of 16,777,216 (16M) transfers
• In the event of a cache hit, CPU instruction processing and DMA operation can be executed in
parallel
• Single address mode transfers: Either the transfer source or transfer destination (peripheral
device) is accessed by a DACK signal (selectable) while the other is accessed by address. One
transfer unit of data is transferred in one bus cycle.
Possible transfer devices: External devices with DACK and memory-mapped external devices
(including external memory)
• Dual address mode transfer: Both the transfer source and transfer destination are accessed by
address. One transfer unit of data is transferred in two bus cycles.
Possible transfer devices:
 Two external memories
 External memory and memory-mapped external device
 Two memory-mapped external devices
 External memory and on-chip peripheral module (excluding DMAC, BSC, UBC, cache-
memory, E-DMAC, and EtherC)
 Memory-mapped external device and on-chip peripheral module (excluding DMAC, BSC,
UBC, cache-memory, E-DMAC, and EtherC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com