Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 487Page - Renesas Technology Corp SH7616 Datasheet HTML 488Page - Renesas Technology Corp SH7616 Datasheet HTML 489Page - Renesas Technology Corp SH7616 Datasheet HTML 490Page - Renesas Technology Corp SH7616 Datasheet HTML 491Page - Renesas Technology Corp SH7616 Datasheet HTML 492Page - Renesas Technology Corp SH7616 Datasheet HTML 493Page - Renesas Technology Corp SH7616 Datasheet HTML 494Page - Renesas Technology Corp SH7616 Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 465 of 906
REJ09B0292-0200
11.1.4
Register Configuration
Table 11.2 summarizes the DMAC registers. The DMAC has a total of 13 registers. Each channel
has six control registers. One control register is shared by both channels.
Table 11.2 Register Configuration
Channel Name
Abbr.
R/W
Initial
Value
Address
Access
Size*
3
0
DMA source address register 0 SAR0
R/W
Undefined
H'FFFFFF80 32
DMA destination address
register 0
DAR0
R/W
Undefined
H'FFFFFF84 32
DMA transfer count register 0
TCR0
R/W
Undefined
H'FFFFFF88 32
DMA channel control register 0 CHCR0
R/(W)*
1 H'00000000 H'FFFFFF8C 32
DMA vector number register 0
VCRDMA0 R/W
Undefined
H'FFFFFFA0 32
DMA request/response
selection control register 0
DRCR0
R/W
H'00
H'FFFFFE71 8*
3
1
DMA source address register 1 SAR1
R/W
Undefined
H'FFFFFF90 32
DMA destination address
register 1
DAR1
R/W
Undefined
H'FFFFFF94 32
DMA transfer count register 1
TCR1
R/W
Undefined
H'FFFFFF98 32
DMA channel control register 1 CHCR1
R/(W)*
1 H'00000000 H'FFFFFF9C 32
DMA vector number register 1
VCRDMA1 R/(W)
Undefined
H'FFFFFFA8 32
DMA request/response
selection control register 1
DRCR1
R/(W)
H'00
H'FFFFFE72 8*
3
All
DMA operation register
DMAOR
R/(W)*
2 H'00000000 H'FFFFFFB0 32
Notes: 1. Only 0 can be written to bit 1 of CHCR0 and CHCR1, after reading 1, to clear the flags.
2. Only 0 can be written to bits 1 and 2 of the DMAOR, after reading 1, to clear the flags.
3. Access DRCR0 and DRCR1 in byte units. Access all other registers in longword units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com