Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 491Page - Renesas Technology Corp SH7616 Datasheet HTML 492Page - Renesas Technology Corp SH7616 Datasheet HTML 493Page - Renesas Technology Corp SH7616 Datasheet HTML 494Page - Renesas Technology Corp SH7616 Datasheet HTML 495Page - Renesas Technology Corp SH7616 Datasheet HTML 496Page - Renesas Technology Corp SH7616 Datasheet HTML 497Page - Renesas Technology Corp SH7616 Datasheet HTML 498Page - Renesas Technology Corp SH7616 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 469 of 906
REJ09B0292-0200
Bits 11 and 10—Transfer Size Bits (TS1, TS0): Select the DMA transfer size. When 11 is set to
bits TS1 and TS0 (in the 16-byte unit), request mode is available only in auto-request mode and at
edge detection in external request mode. When 11 is set to bits TS1 and TS0 (in the 16-byte unit)
and level detection in external request mode and internal peripheral-module request mode are set,
system operations are not guaranteed. TS1 and TS0 are initialized to 00 by a reset and in standby
mode. Values are retained during a module standby.
Bit 11: TS1
Bit 10: TS0
Description
0
0
Byte unit*
(initial value)
1
Word (2-byte) unit
1
0
Longword (4-byte) unit
1
16-byte unit (4 longword transfers)
Note: * The byte unit setting should not be used if a destination address has been set in internal
memory for the dual address mode.
Bit 9—Auto Request Mode Bit (AR): Selects either auto-request mode (in which transfer requests
are generated automatically within the DMAC) or a mode using external requests or requests from
on-chip peripheral modules (SCIF, TPU, SIOF, SIO). The AR bit is initialized to 0 by a reset and
in standby mode. Its value is retained during a module standby.
Bit 9: AR
Description
0
External/on-chip peripheral module request mode
(Initial value)
1
Auto-request mode
Bit 8—Acknowledge/Transfer Mode Bit (AM): In dual address mode, this bit selects whether the
DACKn signal is output during the data read cycle or write cycle. In single-address mode, it
selects whether to transfer data from memory to device or from device to memory. The AM bit is
initialized to 0 by a reset and in standby mode. Its value is retained during a module standby.
Bit 8: AM
Description
0
DACKn output in read cycle (dual address mode)/transfer from memory
to device (single address mode)
(Initial value)
1
DACKn output in write cycle (dual address mode)/transfer from device
to memory (single address mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com