Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 494 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 490Page - Renesas Technology Corp SH7616 Datasheet HTML 491Page - Renesas Technology Corp SH7616 Datasheet HTML 492Page - Renesas Technology Corp SH7616 Datasheet HTML 493Page - Renesas Technology Corp SH7616 Datasheet HTML 494Page - Renesas Technology Corp SH7616 Datasheet HTML 495Page - Renesas Technology Corp SH7616 Datasheet HTML 496Page - Renesas Technology Corp SH7616 Datasheet HTML 497Page - Renesas Technology Corp SH7616 Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 468 of 906
REJ09B0292-0200
DMA channel control registers 0 and 1 (CHCR0 and CHCR1) are 32-bit read/write registers that
control the DMA transfer mode. They also indicate the DMA transfer status. Only the lower 16 of
the 32 bits are valid. They should be read and written as 32-bit values, including the upper 16 bits.
The registers are initialized to H'00000000 by a reset and in standby mode. Values are retained
during a module standby.
Bits 31 to 16—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 15 and 14—Destination Address Mode Bits 1, 0 (DM1, DM0): Select whether the DMA
destination address is incremented, decremented or left fixed (in single address mode, DM1 and
DM0 are ignored when transfers are made from a memory-mapped external device, or external
memory to an external device with DACK). DM1 and DM0 are initialized to 00 by a reset and in
standby mode. Values are retained during a module standby.
Bit 15: DM1
Bit 14: DM0
Description
0
0
Fixed destination address
(Initial value)
1
Destination address is incremented (+1 for byte transfer size,
+2 for word transfer size, +4 for longword transfer size, +16
for 16-byte transfer size)
1
0
Destination address is decremented (–1 for byte transfer size,
–2 for word transfer size, –4 for longword transfer size, –16
for 16-byte transfer size)
1
Reserved (setting prohibited)
Bits 13 and 12—Source Address Mode Bits 1, 0 (SM1, SM0): Select whether the DMA source
address is incremented, decremented or left fixed. (In single address mode, SM1 and SM0 are
ignored when transfers are made from an external device with DACK to a memory-mapped
external device, or external memory.) For a 16-byte transfer, the address is incremented by +16
regardless of the SM1 and SM0 values. SM1 and SM0 are initialized to 00 by a reset and in
standby mode. Values are retained during a module standby.
Bit 13: SM1
Bit 12: SM0
Description
0
0
Fixed source address (+16 for 16-byte transfer size)
(Initial value)
1
Source address is incremented (+1 for byte transfer size, +2
for word transfer size, +4 for longword transfer size, +16 for
16-byte transfer size)
1
0
Source address is decremented (–1 for byte transfer size, –2
for word transfer size, –4 for longword transfer size, +16 for
16-byte transfer size)
1
Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com