Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 492Page - Renesas Technology Corp SH7616 Datasheet HTML 493Page - Renesas Technology Corp SH7616 Datasheet HTML 494Page - Renesas Technology Corp SH7616 Datasheet HTML 495Page - Renesas Technology Corp SH7616 Datasheet HTML 496Page - Renesas Technology Corp SH7616 Datasheet HTML 497Page - Renesas Technology Corp SH7616 Datasheet HTML 498Page - Renesas Technology Corp SH7616 Datasheet HTML 499Page - Renesas Technology Corp SH7616 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 470 of 906
REJ09B0292-0200
Bit 7—Acknowledge Level Bit (AL): Selects whether the DACKn signal is an active-high signal
or an active-low signal. The AL bit is initialized to 0 by a reset and in standby mode. Its value is
retained during a module standby.
Bit 7: AL
Description
0
DACKn is an active-low signal
(Initial value)
1
DACKn is an active-high signal
Bit 6—DREQn Select Bit (DS): Selects the DREQn input detection used. When 0 (level detection)
is set to bit DS, set 0 (cycle-steal mode) to the transfer bus mode bit (TB). When 0 is set to bit DS
and 1 (burst mode) is set to bit TB, system operations are not guaranteed. The DS bit is initialized
to 0 by a reset and in standby mode. Its value is retained during a module standby.
Bit 6: DS
Description
0
Detected by level
(Initial value)
Can be set only in cycle-steal mode
1
Detected by edge
Bit 5—DREQn Level Bit (DL): Selects the DREQn input detection level. The DL bit is initialized
to 0 by a reset and in standby mode. Its value is retained during a module standby.
Bit 5: DL
Description
0
When DS is 0, DREQ is detected by low level; when DS is 1, DREQ is
detected at falling edge
(Initial value)
1
When DS is 0, DREQ is detected by high level; when DS is 1, DREQ is
detected at rising edge
Bit 4—Transfer Bus Mode Bit (TB): Selects the bus mode for DMA transfers. When 1 (burst
mode) is set to bit TB, set 1 (edge detection) to the DREQ select bit (DS). When 1 is set to bit TB
and 0 (level detection) is set to bit DS, system operations are not guaranteed. The TB bit is
initialized to 0 by a reset and in standby mode. Its value is retained during a module standby.
Bit 4: TB
Description
0
Cycle-steal mode
(Initial value)
1
Burst mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com