Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 499 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 495Page - Renesas Technology Corp SH7616 Datasheet HTML 496Page - Renesas Technology Corp SH7616 Datasheet HTML 497Page - Renesas Technology Corp SH7616 Datasheet HTML 498Page - Renesas Technology Corp SH7616 Datasheet HTML 499Page - Renesas Technology Corp SH7616 Datasheet HTML 500Page - Renesas Technology Corp SH7616 Datasheet HTML 501Page - Renesas Technology Corp SH7616 Datasheet HTML 502Page - Renesas Technology Corp SH7616 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 473 of 906
REJ09B0292-0200
11.2.6
DMA Request/Response Selection Control Registers 0 and 1 (DRCR0, DRCR1)
Bit:
76543210
—
—
—
RS4
RS3
RS2
RS1
RS0
Initial value:
00000000
R/W:
R
R
R
R/W
R/W
R/W
R/W
R/W
DMA request/response selection control registers 0 and 1 (DRCR0, DRCR1) are 8-bit read/write
registers that set the DMAC transfer request source. They are written as 8-bit values. They are
initialized to H'00 by a reset, but retain their values in standby mode and a module standby.
Bits 7 to 5—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 4 to 0—Resource Select Bits 4 to 0 (RS4–RS0): Specify which transfer request to input to the
DMAC. Changing the transfer request source must be done when the DMA enable bit (DE) is 0.
See section 11.3.4, DMA Transfer Types, for the possible setting combinations.
Bits RS4 to RS0 are initialized to 001 by a reset.
Bit 4:
RS4
Bit 3:
RS3
Bit 2:
RS2
Bit 1:
RS1
Bit 0:
RS0
Description
00000DREQ (external request)
(Initial value)
1
Reserved (setting prohibited)
1
0
Reserved (setting prohibited)
1
Reserved (setting prohibited)
100Reserved (setting prohibited)
1
SCIF channel 1 RXI (on-chip SCI with FIFO channel
1 receive-data-full interrupt request)*
1
0
SCIF channel 1 TXI (on-chip SCI with FIFO channel
1 transmit-data-empty interrupt request)*
111Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com