Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 496Page - Renesas Technology Corp SH7616 Datasheet HTML 497Page - Renesas Technology Corp SH7616 Datasheet HTML 498Page - Renesas Technology Corp SH7616 Datasheet HTML 499Page - Renesas Technology Corp SH7616 Datasheet HTML 500Page - Renesas Technology Corp SH7616 Datasheet HTML 501Page - Renesas Technology Corp SH7616 Datasheet HTML 502Page - Renesas Technology Corp SH7616 Datasheet HTML 503Page - Renesas Technology Corp SH7616 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 474 of 906
REJ09B0292-0200
Bit 4:
RS4
Bit 3:
RS3
Bit 2:
RS2
Bit 1:
RS1
Bit 0:
RS0
Description
01000Reserved (setting prohibited)
1
SCIF channel 2 RXI (on-chip SCI with FIFO channel
2 receive-data-full interrupt request)*
1
0
SCIF channel 2 TXI (on-chip SCI with FIFO channel
2 transmit-data-empty interrupt request)*
1
Reserved (setting prohibited)
100TPU TGI0A (TPU input capture channel 0A interrupt
request)*
1
TPU TGI0B (TPU input capture channel 0B interrupt
request)*
0010TPU TGI0C (TPU input capture channel 0C interrupt
request)*
1
TPU TGI0D (TPU input capture channel 0D interrupt
request)*
10000Reserved (setting prohibited)
1
SIOF RDFI (SIO with FIFO receive-data-full interrupt
request)*
1
0
SIOF TDEI (SIO with FIFO transmit-data-empty
interrupt request)*
1
Reserved (setting prohibited)
100Reserved (setting prohibited)
1
SIO channel 1 RDFI (SIO channel 1 receive-data-
full interrupt request)*
1
0
SIO channel 1 TDEI (SIO channel 1 transmit-data-
empty interrupt request)*
1
Reserved (setting prohibited)
1000Reserved (setting prohibited)
1
SIO channel 2 RDFI (SIO channel 2 receive-data-
full interrupt request)*
1
0
SIO channel 2 TDEI (SIO channel 2 transmit-data-
empty interrupt request)*
1
Reserved (setting prohibited)
1
**
Reserved (setting prohibited)
Note: * When a transfer request is generated by an on-chip module, select cycle-steal as the bus
mode, dual transfer as the transfer mode, and falling edge detection for the DREQn setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com