Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 500Page - Renesas Technology Corp SH7616 Datasheet HTML 501Page - Renesas Technology Corp SH7616 Datasheet HTML 502Page - Renesas Technology Corp SH7616 Datasheet HTML 503Page - Renesas Technology Corp SH7616 Datasheet HTML 504Page - Renesas Technology Corp SH7616 Datasheet HTML 505Page - Renesas Technology Corp SH7616 Datasheet HTML 506Page - Renesas Technology Corp SH7616 Datasheet HTML 507Page - Renesas Technology Corp SH7616 Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 478 of 906
REJ09B0292-0200
TCR = 0?
DE,
DME = 1 and NMIF,
AE, TE = 0?
Has a
transfer request been
generated?*1
Transfer aborted
Initial settings
(SAR, DAR, TCR, CHCR,
VCRDMA, DRCR, DMAOR)
Transfer
TCR-1
→ TCR,
SAR, and DAR updated
DEI interrupt request
(when IE = 1)
TE = 1
TE = 1
No
Yes
No
Yes
No
Yes
No
Yes
No
*3
*5
*4
*2
Start
End normally
End transfer
Yes
16-byte transfer
in progress?
NMIF = 1, or
AE = 1, or DE = 0, or
DME = 0?
NMIF = 1,
or AE = 1, or DE = 0,
or DME
= 0?
Bus
mode, transfer
request mode, DREQ detec-
tion method?
Notes: 1. In auto-request mode, the transfer will start when the NMIF, AE, and TE bits are all 0
and the DE and DME bits are then set to 1.
2. Cycle-steal mode.
3. In burst mode, DREQ = edge detection (external request), or auto-request mode in
burst mode.
4. 16-byte transfer cycle in progress.
5. End of a 16-byte transfer cycle.
Figure 11.2 DMA Transfer Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com