Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 503 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 503 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 499Page - Renesas Technology Corp SH7616 Datasheet HTML 500Page - Renesas Technology Corp SH7616 Datasheet HTML 501Page - Renesas Technology Corp SH7616 Datasheet HTML 502Page - Renesas Technology Corp SH7616 Datasheet HTML 503Page - Renesas Technology Corp SH7616 Datasheet HTML 504Page - Renesas Technology Corp SH7616 Datasheet HTML 505Page - Renesas Technology Corp SH7616 Datasheet HTML 506Page - Renesas Technology Corp SH7616 Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 477 of 906
REJ09B0292-0200
11.3
Operation
When there is a DMA transfer request, the DMAC starts the transfer according to the
predetermined channel priority; when the transfer-end conditions are satisfied, it ends the transfer.
Transfers can be requested in three modes: auto-request, external request, and on-chip module
request. A transfer can be in either single address mode or dual address mode. The bus mode can
be either burst or cycle-steal.
11.3.1
DMA Transfer Flow
After the DMA source address registers (SAR), DMA destination address registers (DAR), DMA
transfer count registers (TCR), DMA channel control registers (CHCR), DMA vector number
registers (VCRDMA), DMA request/response selection control registers (DRCR), and DMA
operation register (DMAOR) are initialized (initializing sets each register so that ultimately the
condition (DE = 1, DME = 1, TE = 0, NMIF = 0, AE = 0) is satisfied), the DMAC transfers data
according to the following procedure:
1. Checks to see if transfer is enabled (DE = 1, DME = 1, TE = 0, NMIF = 0, AE = 0)
2. When a transfer request occurs and transfer is enabled, the DMAC transfers 1 transfer unit of
data. (In auto-request mode, the transfer begins automatically after register initialization. The
TCR value will be decremented by 1.) The actual transfer flows vary depending on the address
mode and bus mode.
3. When the specified number of transfers have been completed (when TCR reaches 0), the
transfer ends normally. If the IE bit in CHCR is set to 1 at this time, a DEI interrupt request is
sent to the CPU.
4. When an address error occurs in the DMAC or an NMI interrupt is generated, the transfer is
aborted. Transfers are also aborted when the DE bit in CHCR or the DME bit in DMAOR is
changed to 0.
Figure 11.2 shows a flowchart illustrating this procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com