Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 501Page - Renesas Technology Corp SH7616 Datasheet HTML 502Page - Renesas Technology Corp SH7616 Datasheet HTML 503Page - Renesas Technology Corp SH7616 Datasheet HTML 504Page - Renesas Technology Corp SH7616 Datasheet HTML 505Page - Renesas Technology Corp SH7616 Datasheet HTML 506Page - Renesas Technology Corp SH7616 Datasheet HTML 507Page - Renesas Technology Corp SH7616 Datasheet HTML 508Page - Renesas Technology Corp SH7616 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 479 of 906
REJ09B0292-0200
11.3.2
DMA Transfer Requests
DMA transfer requests are usually generated in either the data transfer source or destination, but
they can also be generated by devices that are neither the source nor the destination. Transfers can
be requested in three modes: auto-request, external request, and on-chip peripheral module
request. The request mode is selected with the AR bit in DMA channel control registers 0 and 1
(CHCR0, CHCR1) and the RS0, RS1, RS2, RS3 and RS4 bits in DMA request/response selection
control registers 0 and 1 (DRCR0, DRCR1).
Table 11.3 Selecting the DMA Transfer Request Using the AR and RS Bits
CHCR
DRCR
AR
RS4
RS3
RS2
RS1
RS0
Request Mode
Resource Selection
0
0
0
0
0
0
Module request mode
DREQ (external request)
101
SCIF channel 1 RXI
1
0
SCIF channel 1 TXI
1
001
SCIF channel 2 RXI
1
0
SCIF channel 2 TXI
1
0
TPU TGI0A
1TPU TGI0B
1
0
TPU TGI0C
1TPU TGI0D
10
00
SIOF RDFI
1
0
SIOF TDEI
1
0
1
SIO channel 1 RDFI
1
0
SIO channel 1 TDEI
1
0
0
1
SIO channel 2 RDFI
1
0
SIO channel 2 TDEI
1
**
***
Auto-request mode
Note: * Don’t care
Auto-Request Mode: When there is no transfer request signal from an external source (as in a
memory-to-memory transfer, the auto-request mode allows the DMAC to automatically generate a
transfer request signal internally. When the DE bits in CHCR0 and CHCR1 and the DME bit in
the DMA operation register (DMAOR) are set to 1, the transfer begins (so long as the TE bits in
CHCR0 and CHCR1 and the NMIF and AE bits in DMAOR are all 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com