Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 501 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 497Page - Renesas Technology Corp SH7616 Datasheet HTML 498Page - Renesas Technology Corp SH7616 Datasheet HTML 499Page - Renesas Technology Corp SH7616 Datasheet HTML 500Page - Renesas Technology Corp SH7616 Datasheet HTML 501Page - Renesas Technology Corp SH7616 Datasheet HTML 502Page - Renesas Technology Corp SH7616 Datasheet HTML 503Page - Renesas Technology Corp SH7616 Datasheet HTML 504Page - Renesas Technology Corp SH7616 Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 475 of 906
REJ09B0292-0200
11.2.7
DMA Operation Register (DMAOR)
Bit:
31
30
29
…
11
10
9
8
———…————
Initial value:
000
…
0000
R/W:
RRR
…
RRRR
Bit:
76543210
————
PR
AE
NMIF
DME
Initial value:
00000000
R/W:
RRRR
R/W
R/(W)*
R/(W)*
R/W
Note: * Only 0 can be written, to clear the flag.
The DMA operation register (DMAOR) is a 32-bit read/write register that controls the DMA
transfer mode. It also indicates the DMA transfer status. Only the lower four of the 32 bits are
valid. DMAOR is written as a 32-bit value, including the upper 28 bits. DMAOR is initialized to
H'00000000 by a reset and in standby mode. It retains its value when the module standby function
is used.
Bits 31 to 4—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 3—Priority Mode Bit (PR): Specifies whether a fixed channel priority order or round-robin
mode is to be used there are simultaneous transfer requests for multiple channels. It is initialized to
0 by a reset and in standby mode. It retains its value when the module standby function is used.
Bit 3: PR
Description
0
Fixed priority (channel 0 > channel 1)
(Initial value)
1
Round-robin (Top priority shifts to bottom after each transfer. The
priority for the first DMA transfer after a reset is channel 1 > channel 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com