Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 529Page - Renesas Technology Corp SH7616 Datasheet HTML 530Page - Renesas Technology Corp SH7616 Datasheet HTML 531Page - Renesas Technology Corp SH7616 Datasheet HTML 532Page - Renesas Technology Corp SH7616 Datasheet HTML 533Page - Renesas Technology Corp SH7616 Datasheet HTML 534Page - Renesas Technology Corp SH7616 Datasheet HTML 535Page - Renesas Technology Corp SH7616 Datasheet HTML 536Page - Renesas Technology Corp SH7616 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 507 of 906
REJ09B0292-0200
Acknowledge Signal Output When External Memory Is Set as Burst ROM: When external
memory is set as burst ROM, the acknowledge signal is output synchronous to the DMA address
(no dual writes allowed) (figure 11.32).
Clock
DACKn
(Active high)
Address
bus
DMAC (1 wait state)
DMAC cycle
DMAC cycle
Figure 11.32 DACKn Output in Nibble Accesses of Burst ROM
11.3.7
DREQn Pin Input Detection Timing
In external request mode, DREQn pin signals are usually detected at the falling edge of the clock
pulse (CKIO). When a request is detected, a DMAC bus cycle is produced four cycles later at the
earliest and a DMA transfer performed. After the request is detected, the timing of the next input
detection varies with the bus mode, address mode, DREQn input detection, and the memory
connected.
DREQn Pin Input Detection Timing in Cycle-Steal Mode: In cycle-steal mode, once a request
is detected from the DREQn pin, the request signal is not detected until DACKn signal output in
the next external bus cycle. In cycle-steal mode, request detection is performed from DACKn
signal output until a request is detected.
Once a request has been accepted, it cannot be canceled midway.
The timing from the detection of a request until the next time requests are detectable is shown
below.
• Cycle-Steal Mode Edge Detection
When transfer control is performed using edge detection, perform DREQn/DACKn
handshaking as shown in figure 11.33, and perform DREQn input control so that there is a
one-to-one relationship between DREQn and DACKn. Operation is not guaranteed if DREQn
is input before the corresponding DACKn is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com