| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 536 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 536 Page - Renesas Technology Corp |
|
536 / 935 page ![]() Section 11 Direct Memory Access Controller (DMAC) Rev. 2.00 Mar 09, 2006 page 510 of 906 REJ09B0292-0200 • Cycle-Steal Mode Edge Detection—16-Bit Transfer With 16-byte transfer, the first request signal is the first transfer request, and the second transfer request is accepted when the next request signal is accepted. The third and fourth requests are accepted in the same way. Transfer Width 16-Byte Transfer DREQn Detection Method Edge Detection Transfer bus mode Cycle-steal mode DACKn output timing Read DACK/write DACK Transfer address mode Dual/single mode Bus cycle Basic bus cycle Clock Bus cycle CPU CPU DMAC*1 DMAC*2 DMAC*3 DMAC*4 DMA 1st acceptance 2nd acceptance DACK*1 DACK*2 DACK*3 DACK*4 Blind zone Note: * n is the nth 16-byte transfer. DACKn (Active high) DREQn (Active high) Figure 11.37 DREQn Pin Input Detection Timing in Cycle-Steal Mode with Edge Detection (16-Byte Transfer Setting) • Cycle-Steal Mode Level Detection In level detection mode, too, a request cannot be canceled once accepted. Transfer Width Byte/Word/Longword* DREQn Detection Method Level Detection Transfer bus mode Cycle-steal mode DACKn output timing Read DACK/write DACK Transfer address mode Dual/single mode Bus cycle Basic bus cycle Note: * Do not set a 16-byte unit; operation is not guaranteed if this setting is made. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |