Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 534Page - Renesas Technology Corp SH7616 Datasheet HTML 535Page - Renesas Technology Corp SH7616 Datasheet HTML 536Page - Renesas Technology Corp SH7616 Datasheet HTML 537Page - Renesas Technology Corp SH7616 Datasheet HTML 538Page - Renesas Technology Corp SH7616 Datasheet HTML 539Page - Renesas Technology Corp SH7616 Datasheet HTML 540Page - Renesas Technology Corp SH7616 Datasheet HTML 541Page - Renesas Technology Corp SH7616 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 512 of 906
REJ09B0292-0200
Clock
Bus cycle
DMAC
HH
DMAC
HL
DMAC
LH
DACK
HH
DACK
HL
DACK
LH
DACK
LL
1st
acceptance
CPU
DACKn
Blind zone
Blind zone
2nd
acceptance
DMAC
LL
CPU
(Active high)
DREQn
(Active high)
Figure 11.40 When an 8-Bit External Device is Connected (Level Detection)
DREQn Pin Input Detection Timing in Burst Mode: In burst mode, only edge detection is valid
for DREQn input. Operation is not guaranteed if level detection is set.
With edge detection of DREQn input, once a request is detected, DMA transfer continues until the
transfer end condition is satisfied, regardless of the state of the DREQn pin. Request detection is
not performed during this time. When the transfer start conditions are fulfilled after the end of
transfer, request detection is performed again every cycle.
Clock
DMAC1
DMAC2
CPU
CPU
CPU
DMAC3
DMAC4
DACKn
(Active high)
Blind zone
Acceptance
Bus cycle
Bus DREQn
(Active high)
Figure 11.41 DREQn Pin Input Detection Timing in Burst Mode with Edge Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com