Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 557 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 557 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 553Page - Renesas Technology Corp SH7616 Datasheet HTML 554Page - Renesas Technology Corp SH7616 Datasheet HTML 555Page - Renesas Technology Corp SH7616 Datasheet HTML 556Page - Renesas Technology Corp SH7616 Datasheet HTML 557Page - Renesas Technology Corp SH7616 Datasheet HTML 558Page - Renesas Technology Corp SH7616 Datasheet HTML 559Page - Renesas Technology Corp SH7616 Datasheet HTML 560Page - Renesas Technology Corp SH7616 Datasheet HTML 561Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 531 of 906
REJ09B0292-0200
12.4
Operation
12.4.1
FRC Count Timing
The FRC increments on clock input (internal or external).
Internal Clock Operation: Set the CKS1 and CKS0 bits in TCR to select which of the three
internal clocks created by dividing system clock
φ (φ/8, φ/32, φ/128) is used. Figure 12.4 shows
the timing.
P
φ
N – 1
N
N + 1
Internal clock
FRC input
clock
FRC
Figure 12.4 Count Timing (Internal Clock Operation)
External Clock Operation: Set the CKS1 and CKS0 bits in TCR to select the external clock.
External clock pulses are counted on the rising edge. The pulse width of the external clock must be
at least 6 system clocks (
φ). A smaller pulse width will result in inaccurate operation. Figures 12.5
shows the timing.
N + 1
N
P
φ
External clock
input pin
FRC input
clock
FRC
Figure 12.5 Count Timing (External Clock Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com